PART |
Description |
Maker |
MAX803EXRT MAX809EXRT MAX810EXRT MAX809EURT MAX810 |
3-Pin Microprocessor Reset Circuits 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO3 3-Pin Microprocessor Reset Circuits
|
Maxim Integrated Products, Inc. Maxim Integrated Produc...
|
63FE 25ET 12CT 71FE 10CT 20CT 40ET 80ET 6CT 56ET 3 |
4-Pin SC70 Microprocessor Reset Circuits with Manual Reset Input Complete, 100ksps, 8-Channel, 12-Bit Data Acquisition Systems 3V to 28V Input, Low-Cost, Hysteretic Synchronous Step-Down Controllers 300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit Microprocessor Supervisory Circuits Dual/Triple Ultra-Low-Voltage SOT23 µP Supervisory Circuits Microprocessor Supervisory Reset Circuits with Edge-Triggered, One-Shot Manual Reset Low-Power, SPST, Fast, CMOS Analog Switch Dual/Quad RF/Video Switches 1024k NV SRAM with Phantom Clock Single/Dual/Quad, 10MHz Single-Supply Op Amps Fuse 保险
|
Air Cost Control
|
MAX6335US20D3-T MAX6336US20D3-T MAX6337US20D3-T MA |
4-Pin, Ultra-Low-Voltage, Low-Power μP Reset Circuits with Manual Reset Ultra-low-voltage, low-power microprocessor circuit with manual reset (reset output active-high, push/pull . Reset threshold(typ) 1.6V, reset timeout(min) 20ms. 4-Pin, Ultra-Low-Voltage, Low-Power P Reset Circuits with Manual Reset 4-Pin / Ultra-Low-Voltage / Low-Power P Reset Circuits with Manual Reset 4-Pin, Ultra-Low-Voltage, Low-Power レP Reset Circuits with Manual Reset 4引脚,超低电压,低功耗与手动复位レP复位电路 2.5-W Mono Class-D Audio Amplifier with Variable Gain (TPA2010) 9-DSBGA -40 to 85 4引脚,超低电压,低功耗与手动复位レP复位电路 Ultra-low-voltage, low-power microprocessor circuit with manual reset (reset output active-high, push/pull . Reset threshold(typ) 1.6V, reset timeout(min) 1ms.
|
MAXIM - Dallas Semiconductor Maixm MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc. Maxim Integrated Produc...
|
MAX6711EXS-T MAX6712EXS-T MAX6711EXS-T10 MAX6712EX |
4-Pin SC70 Microprocessor Reset Circuits with Manual Reset Input
|
Maxim Integrated Produc... Maxim Integrated Products
|
MAX792 MAX792CPE MAX792CSE MAX792EJE MAX792EPE MAX |
Microprocessor and non-volatile metory supervisory circuit. Reset threshold 4.62V. Reset and low-line threshold accuracy -2% Microprocessor and non-volatile metory supervisory circuit. Reset threshold 4.37V. Reset and low-line threshold accuracy -2% Microprocessor and non-volatile metory supervisory circuit. Reset threshold 2.61V. Reset and low-line threshold accuracy -2% Microprocessor Voltage Monitors with Programmable Voltage Detection Dual D-type Positive-Edge-Triggered Flip-Flops With Clear And Preset 14-CFP -55 to 125 微处理器和非挥发性内存监控电 Microprocessor and Non-Volatile Memory Supervisory Circuits From old datasheet system Microprocessor and non-volatile metory supervisory circuit. Reset threshold 3.06V. Reset and low-line threshold accuracy -2%
|
MAXIM - Dallas Semiconductor Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products]
|
TC1270 TC1270FERC TC1270LERC TC1270MERC TC1270RERC |
4-Pin μP Reset Monitors 4-Pin P Reset Monitors 4-Pin レP Reset Monitors TC1270 and TC1271 are cost-effective system supervisor circuits designed to monitor VCC in digital systems and provide a reset signal ...
|
MICROCHIP[Microchip Technology]
|
2N6558 40175BDM 4017BDM 40174BDM 4017BDC 4028BDC 4 |
5-Pin µP Supervisory Circuits with Watchdog and Manual Reset Quad D-Type Flip-Flop Hex D-Type Flip-Flop Johnson Counter TRANSISTOR | MOSFET | N-CHANNEL | 200V V(BR)DSS | 13A I(D) | TO-213AA TRANSISTOR | MOSFET | N-CHANNEL | 500V V(BR)DSS | 6A I(D) | TO-213AA 300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit 晶体管| MOSFET的| N沟道| 20V的五(巴西)直|0mA(丁)|2 300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit 晶体管| MOSFET的| N沟道| 25V的五(巴西)直|0mA(丁)|2 300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit 2-Bit/4-Bit缓冲驱动 300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit 输入或门 Dual 4-input NOR Gate 输入或非
|
Motorola Mobility Holdings, Inc. Thomas Glenair, Inc.
|
AZ809NSTR-E1 AZ810 |
3-PIN MICROPROCESSOR RESET CIRCUITS
|
Diodes
|
SE809 |
3-Pin Microprocessor Reset Monitor
|
Seaward Electronics Inc.
|
MAX809MEUR-T |
3-Pin Microprocessor Reset Circuits
|
MAXIM
|